Part Number Hot Search : 
550SMSS 74HC404 BZT5264B 30EH680 TAP1500 MB5005 STZ8043A EVD50
Product Description
Full Text Search
 

To Download SA210A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  f eatures m echanical d ata d evices f or b ipolar a pplication i ( m m 6 notes: 1. non-repetitive current pulse, per fig.  3 and derated above t a = 25  per fig.2. 2. 8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pu lses per minute maximum. rating symbol va lue unit peak pulse power dissipation on 10/1000  s waveform . (note1 fig. 1)  p ppm  minimum 500  w atts peak pulse current on 10/1000  s waveform. (note1fig.3) , ppm  see table amps steady state power dissipation at t l =75 lead length .375 (9.5mm). ( fig.  5) p m(av) watts peak forward surge current  8.3ms single half sine-wave superimposed on rated load. (jedec method) (note 2, fig.6) i fsm amps operating junction and storag e temperature range. t j , t stg -55 to +175  3.0 70 ? case: jedec do-15 molded plastic over glass passivated junction. ? terminals: plated axial leads, solderable per mil-std-750, method 2026. ? polarity: color band denotes cathode except bidirectional. ? mounting position: any. ? weight: 0.015 ounce, 0.4grams. 6 for % idirectional use c or ca suffix for type sa5.0 through type sa 220 (e.g. sa5.0c, sa220ca); e lectrical characteristics apply in both directions. ratings at 25  ambient temperature unless otherwise specified. ul e223045 m aximum r atings a nd c haracteristics transient 9rowdjh6xssuhvvruv sa series meritek ? plastic sackage. ? glass passivated chip junction. ? 500w peak pulse power capability on 10/1000s waveform. ? excellent clamping capability. ? repetition rate (duty cycle): 0.01%. ? low incremental surge resistance. ? fast response time: typically less t han 1.0ps from 0 volt to bv for 8nidirectional and 5.0ns for %idirectional types. ? typical i r less than 1a above 1 0v. ? h igh temperature soldering guar anteed: 265c/10 seconds/.375", (9.5mm) lead length, 5l bs, (2.3kg) tension. do-204ac/do-15 all specifications are subject to change without notice. 1 rev 7
part number reverse stand-off voltage breakdown voltage min.@i t breakdown voltage max.@i t te s t current maximum clamping voltage @i pp peak pulse current reverse leakage @v rwm uni-polar bi-polar v rwm (v) v br min. (v) v br max. (v) i t (ma) v c (v) i pp (a) i r (a) sa5.0a sa5.0ca 5.0 6.40 7.00 10 9.2 55.4 600 sa6.0a sa6.0ca 6.0 6.67 7.37 10 10.3 49.5 600 sa6.5a sa6.5ca 6.5 7.22 7.98 10 11.2 45.5 400 sa7.0a sa7.0ca 7.0 7.78 8.60 10 12.0 42.5 150 sa7.5a sa7.5ca 7.5 8.33 9.21 1 12.9 39.5 50 sa8.0a sa8.0ca 8.0 8.89 9.83 1 13.6 37.5 25 sa8.5a sa8.5ca 8.5 9.44 10.40 1 14.4 35.4 10 sa9.0a sa9.0ca 9.0 10.00 11.10 1 15.4 33.1 5 sa10a sa10ca 10.0 11.10 12.30 1 17.0 30.0 3 sa11a sa11ca 11.0 12.20 13.50 1 18.2 28.0 1 sa12a sa12ca 12.0 13.30 14.70 1 19.9 25.6 1 sa13a sa13ca 13.0 14.40 15.90 1 21.5 23.7 1 sa14a sa14ca 14.0 15.60 17.20 1 23.2 22.0 1 sa15a sa15ca 15.0 16.70 18.50 1 24.4 20.9 1 sa16a sa16ca 16.0 17.80 19.70 1 26.0 19.6 1 millimeters inches item min. max. min. max. l 25.40 - 1.000 - t 5.80 7.60 0.230 0.300 d 2.60 3.60 0.104 0.140 s 0.71 0.86 0.028 0.034 l lt d s dia. dia. do-204ac/do-15 transient 9rowdjh6xssuhvvruv 6$ series meritek p ackage d imensions s pecifications 2 rev 7
part number reverse stand-off voltage breakdown voltage min.@i t breakdown voltage max.@i t te s t current maximum clamping voltage @i pp peak pulse current reverse leakage @v rwm uni-polar bi-polar v rwm (v) v br min. (v) v br max. (v) i t (ma) v c (v) i pp (a) i r (a) sa17a sa17ca 17.0 18.90 20.90 1 27.6 18.5 1 sa18a sa18ca 18.0 20.00 22.10 1 29.2 17.5 1 sa20a sa20ca 20.0 22.20 24.50 1 32.4 15.7 1 sa22a sa22ca 22.0 24.40 26.90 1 35.5 14.4 1 sa24a sa24ca 24.0 26.70 29.50 1 38.9 13.1 1 sa26a sa26ca 26.0 28.90 31.90 1 42.1 12.1 1 sa28a sa28ca 28.0 31.10 34.40 1 45.4 11.2 1 sa30a sa30ca 30.0 33.30 36.80 1 48.4 10.5 1 sa33a sa33ca 33.0 36.70 40.60 1 53.3 9.6 1 sa36a sa36ca 36.0 40.00 44.20 1 58.1 8.8 1 sa40a sa40ca 40.0 44.40 49.10 1 64.5 7.9 1 sa43a sa43ca 43.0 47.80 52.80 1 69.4 7.3 1 sa45a sa45ca 45.0 50.00 55.30 1 72.7 7.0 1 sa48a sa48ca 48.0 53.30 58.90 1 77.4 6.6 1 sa51a sa51ca 51.0 56.70 62.70 1 82.4 6.2 1 sa54a sa54ca 54.0 60.00 66.30 1 87.1 5.9 1 sa58a sa58ca 58.0 64.40 71.20 1 93.6 5.4 1 sa60a sa60ca 60.0 66.70 73.70 1 96.8 5.3 1 sa64a sa64ca 64.0 71.10 78.60 1 103.0 5.0 1 sa70a sa70ca 70.0 77.80 86.00 1 113.0 4.5 1 sa75a sa75ca 75.0 83.30 92.10 1 121.0 4.2 1 sa78a sa78ca 78.0 86.70 95.80 1 126.0 4.0 1 sa85a sa85ca 85.0 94.40 104.00 1 137.0 3.7 1 sa90a sa90ca 90.0 100.00 111.00 1 146.0 3.5 1 sa100a sa100ca 100.0 111.00 123.00 1 162.0 3.1 1 sa110a sa110ca 110.0 122.00 135.00 1 177.0 2.9 1 sa120a sa120ca 120.0 133.00 147.00 1 193.0 2.6 1 sa130a sa130ca 130.0 144.00 159.00 1 209.0 2.4 1 sa150a sa150ca 150.0 167.00 185.00 1 243.0 2.1 1 sa160a sa160ca 160.0 178.00 197.00 1 259.0 2.0 1 sa170a sa170ca 170.0 189.00 209.00 1 275.0 1.9 1 sa180a sa180ca 180.0 198.00 233.00 1 289.0 1.7 1 sa190a sa190ca 190.0 209.00 243.20 1 308.0 1.6 1 sa200a sa200ca 200.0 220.00 256.00 1 324.0 1.5 1 SA210A sa210ca 210.0 231.00 268.80 1 340.0 1.5 1 sa220a sa220ca 220.0 242.00 281.60 1 356.0 1.4 1 transient 9rowdjh6xssuhvvruv 6$ series meritek note: for bidirectional type having vrwm of 10 volts and less,the ir limit doubles. 3 rev 7
p ppm - peak pulse power (kw) 01.s 1.0s 10s 100s 1.0ms 10ms 0.1 1 10 30 non-repetitive pulse waveform shown in fig. 3 t a =25?c t d - pulse width (sec.) p p p t d t d t d half sine exponential square i ppm - peak pulse current, % i rsm 0 0 50 100 150 1.0 2.0 3.0 4.0 t r =10sec peak value i ppm i ppm 2 t j =25c pulse width(td) is de?ned as the point where the peak current decays to 50% of i ppm 10/1000sec. waveform as de?ned by r.e.a t d t-time (ms) half value i ppm ( ) t a - ambient temperature (oc) peak pulse power (p pp ) or current (i pp ) derating in percentage, % 0 0 25 25 50 50 75 75 100 100 125 150 175 200 1 10 100 1000 10000 1.0 10.0 100.0 1000.0 cj (pf) tj=25c f=1.0mhz vsig=50mvp-p uni-directional v=0v bi-directional v=0v uni-directional @ v r bi-directional @ v r v br - reverse breakdown voltage (v) 0 0.5 1 1.5 2 2.5 3 3.5 0 25 50 75 100 125 150 175 200 steady state po wer dissipation (w) t l - lead temperature(oc) 0 10 20 30 40 50 60 70 80 1 10 100 number of cycles at 60 hz i fsm - peak forward surge current (a) figure 1 - peak pulse power rating curve figure 2 - pulse derating curve figure 3 - pulse waveform figure 4 - typical junction capacitance figure 5 - steady state power dissipation derating curve figure 6 - maximum non-repetitive forward surge current uni-directional only transient 9rowdjh6xssuhvvruv 6$ series meritek r ating and c haracteristic c urves (t a : 25c unless otherwise specified) 4 rev 7


▲Up To Search▲   

 
Price & Availability of SA210A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X